Part Number Hot Search : 
VWP3038 OPA742 WP7113 SF5405 W1910 SKY77709 1N348 TDA6200
Product Description
Full Text Search
 

To Download SKB25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VRSM VRRM V 100 200 400 600 800 1200 1400 1600
17 A = (75 C) Types SKB 25/01 SKB 25/02 SKB 25/04 SKB 25/06 SKB 25/08 SKB 25/12 SKB 25/14 SKB 25/16
ID (Tcase = ...) Rmin 0,1 0,15 0,3 0,5 0,7 1 1,2 1,5
Power Bridge Rectifiers
20 A (73 C) Types - SKD 25/02 SKD 25/04 - SKD 25/08 SKD 25/12 SKD 25/14 SKD 25/16 Rmin - 0,15 0,3 - 0,7 1 1,2 1,5
SKB 25 SKD 25
Symbol Conditions ID Tamb = 45 C; isolated1) chassis2) R4A/120 P1A/120 IDCL Tamb = 45 C; isolated1) chassis2) R4A/120 P1A/120 IFSM Tvj = 25 C, 10 ms Tvj = 150 C, 10 ms i2t Tvj = 25 C, 8,3...10 ms Tvj = 150 C, 8,3...10 ms VF Tvj = 25 C; IF = 150 A V(TO) Tvj = 150 C rT Tvj = 150 C IRD Tvj = 25 C; VRD = VRRM Tvj = 150 C; VRD = VRRM trr Tvj = 25 C fG Rthjc total Rthch total Rthja isolated1) chassis2) R4A/120 P1A/120 Tvj Tstg Visol a.c. 50...60 Hz; r.m.s.; 1 s/ 1 min RC PR = 1 W Fu M1 w Case to heatsink SI units US units
SKB 25 SKD 25 3,5 3,5 10 12 14 15 17 20 3 3,5 9,5 12 12 15 14 20 370 320 680 500 2,2 0,85 12 0,3 5 typ. 10 2000 2 1,75 0,15 15 4,7 3,6 2,75 - 40...+ 150 - 55...+ 150 3000 / 2500 50 0,1 20 2 15 % 18 15 % 24 26 G 10 G 11
Units A A A A A A A A A A A2 s A2 s V V m mA mA s Hz C/W C/W C/W C/W C/W C/W C C V F A Nm lb. in. g
SKB
SKD
Features * Square plastic case with isolated metal base plate and fast-on connectors * Blocking voltage to 1600 V * High surge currents * SKB = single phase bridge rectifier SKD = three phase bridge rectifier * Easy chassis mounting * UL recognized, file no. E 63 532 Typical Applications * Single and three phase rectifiers for power supplies * Input rectifiers for variable frequency drives * Rectifiers for DC motor field supplies * Battery charger rectifiers
1) 2)
Freely suspended or mounted on an insulator Mounted on a painted metal sheet of min. 250 x 250 x 1 mm
0896 B 11 - 19
(c) by SEMIKRON
B 11 - 20
(c) by SEMIKRON
(c) by SEMIKRON
B 11 - 21
B 11 - 22
(c) by SEMIKRON


▲Up To Search▲   

 
Price & Availability of SKB25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X